Part Number Hot Search : 
2SD88 OX9162 BUL128 M16175 SB447 00010 S1048 CAT51
Product Description
Full Text Search
 

To Download FWS-F00111000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 COMMUNICATIONS COMPONENTS
1550/1590 nm Filter Wavelength Division Multiplexers
Key Features
* Thin film filter based * Wide bandwidth * Low insertion loss * High isolation * Low temperature dependent loss * Epoxy-free optical path
Applications
* Ultra wideband EDFAs * High channel count systems * Extended band systems
JDSU 1550/1590nm filter wavelength division multiplexers (WDMs) are specifically designed to multiplex or demultiplex C- and L-band optical signals in dual-band erbium doped fiber amplifier (EDFA) systems. Assembled using interference filter technology, these stable and reliable filter WDMs have high channel isolation, low insertion loss, low temperature dependent loss, and low polarization dependent loss.
Compliance
* Telcordia GR-1221
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com
1550/1590 NM FILTER WAVELENGTH DIVISION MULTIPLEXERS
2
Transmission (CP)
0 -5
ATTENUATION (dB)
-10 -15 -20 -25 -30 -35 -40 1530 1540 1550 1560 1570 1580 1590 1600 1610
WAVELENGTH (nm)
Specifications
Parameter Pass port (CP) wavelength range P Pass port (CP) insertion loss Pass port (CP) flatness Pass port (CP) isolation at R Reflect port (CR) wavelength range R Reflect port (CR) insertion loss Reflect port (CR) flatness Reflect port (CR) isolation at P Directivity Optical return loss Polarization dependent loss Polarization mode dispersion Temperature dependent loss Optical power Tensile load Operating temperature Storage temperature Package dimensions (D x L) 250 m fiber 900 m fiber Fiber length
Pass 1550/Reflect 1590 1528 to 1563 nm Maximum Maximum Minimum 1570 to 1610 nm Maximum Maximum Minimum Minimum Minimum Maximum Maximum Maximum Maximum Maximum
Pass1590/Reflect 1550 1570 to 1610 nm 0.6 dB 0.3 dB 20 dB 1528 to 1563 nm 0.4 dB 0.15 dB 12 dB 55 dB 50 dB 0.05 dB 0.1 ps 0.1 dB 500 mW 5N -5 to 75 C -40 to 85 C
5.5 x 30 mm (Standard), 3.2 x 30 mm (Miniature) 5.5 x 40 mm (Standard), 3.2 x 40 mm (Miniature) >1.0 m
1550/1590 NM FILTER WAVELENGTH DIVISION MULTIPLEXERS
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at customer.service@jdsu.com.
Sample: FWS-F00110000
FWS- F 00
Code F Wavelength 1550/1590 nm Code 1 2 Model Pass 1550/reflect 1590 Pass 1590/reflect 1550 Code 1 2 Fiber Type 250 m fiber 900 m fiber Code 0 1 Package Standard Miniature
00
Code 0 1 2 3 4 5 6 Connector1, 2 No connector FC/SPC FC/APC SC/SPC SC/APC ST LC/SPC
1. Connectors available only with 900 m fiber option. 2. Other connectors available upon request.
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com July 2008
Product specifications and descriptions in this document subject to change without notice. (c) 2008 JDS Uniphase Corporation 21021907 003 0708 WDMFILTERCLBAND.DS.CC.AE SMF-28 is a registered trademark of Corning Incorporated. Telcordia is a registered trademark of Telcordia Technologies Incorporated.


▲Up To Search▲   

 
Price & Availability of FWS-F00111000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X